Part Number Hot Search : 
L4993MD AO741 MAX173 DT72V DT72V AD382 00BZXI C2500
Product Description
Full Text Search
 

To Download STX112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STX112
SILICON NPN POWER DARLINGTON TRANSISTOR
s
s
MONOLITHIC DARLINGTON CONFIGURATION INTEGRATED ANTIPARALLEL COLLECTOR-EMITTER DIODE
s
APPLICATIONS LINEAR AND SWITCHING INDUSTRIAL EQUIPMENT DESCRIPTION The device is a silicon Epitaxial-Base NPN transistor in monolithic Darlington configuration mounted in TO-92 plastic package. It is intented for use in linear and switching applications. Ordering codes: STX112 STX112-AP
TO-92
(shipment in bulk) (shipment in ammopack) INTERNAL SCHEMATIC DIAGRAM
R 1 Typ.= 7K
R 2 Typ.= 230
ABSOLUTE MAXIMUM RATINGS
Symbol V CBO V CEO V EBO IC I CM IB P tot T stg Tj Parameter Collector-Base Voltage (I E = 0) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Current Base Current Total Dissipation at T amb = 25 o C Storage Temperature Max. Operating Junction Temperature Value 100 100 5 2 4 50 1.2 -65 to 150 150 Unit V V V A A mA W
o o
C C
October 2000
1/5
STX112
THERMAL DATA
R thj-amb Thermal Resistance Junction-ambient Max 104
o
C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CEO I CBO I EBO Parameter Collector Cut-off Current (I B = 0) Collector Cut-off Current (I E = 0) Emitter Cut-off Current (I C = 0) Test Conditions V CE = 50 V V CB = 100 V V EB = 5 V I C = 30 mA 100 Min. Typ. Max. 2 1 2 Unit mA mA mA V
V CEO(sus) Collector-Emitter Sustaining Voltage (I B = 0) V CE(sat) V BE h FE Collector-Emitter Saturation Voltage Base-Emitter Voltage DC Current Gain
IC = 2 A IC = 2 A IC = 1 A IC = 2 A
I B = 8 mA V CE = 4 V V CE = 4 V V CE = 4 V 1000 500
2.5 2.8
V V
Pulsed: Pulse duration = 300 s, duty cycle 1.5 %
Safe Operating Area
Derating Curve
2/5
STX112
DC Current Gain Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
Base-Emitter On Voltage
Freewheel Diode Forward Voltage
3/5
STX112
TO-92 MECHANICAL DATA
mm DIM. MIN. TYP. MAX. MIN.
inch
TYP.
MAX.
A
4.58
5.33
0.180
0.210
B
4.45
5.2
0.175
0.204
C
3.2
4.2
0.126
0.165
D
12.7
0.500
E
1.27
0.050
F
0.4
0.51
0.016
0.020
G
0.35
0.14
4/5
STX112
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2000 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
5/5


▲Up To Search▲   

 
Price & Availability of STX112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X